|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0870610001 Active 2.50mm (.098") / 3.50mm (.138") Pitch Low Profile Female Crimp Terminal, Tin (Sn) Overall Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 87061 Yes N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Product Name Physical Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Receptacle Phosphor Bronze Tin Tin Reel 1.90 (.075) max. 22, 24, 26, 28 DIA.1.15 TO 1.9MM Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V AC (RMS)/DC Material Info Reference - Drawing Numbers Sales Drawing SD-87061-0001 Search Parts in this Series 87061Series Use With 5264 housings This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 87061-0001 |